Part Number Hot Search : 
MX25L1 1N5920B 01102 MMST2222 1241FBLC LT1120I A02010 IRF4905S
Product Description
Full Text Search
 

To Download VSIB6A40E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay general semiconductor vsib6a20 thru vsib6a80 new product document number 84657 07-jun-06 www.vishay.com 1 single-phase single in-line bridge rectifiers features ? ul recognition file number e54214 ? thin single in-line package ? glass passivated chip junction ? high surge current capability ? high case dielectric strength of 1500 v rms ? solder dip 260 c, 40 seconds ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications general purpose use in ac-to-dc bridge full wave rectification for switch ing power supply, home appliances, office equipment, industrial automation applications. mechanical data case: gsib-5s epoxy meets ul 94v-0 flammability rating terminals: matte tin plated (e3 suffix) leads, solderable per j-std-002b and jesd22-b102d polarity: as marked on body mounting torque: 10 cm-kg (8.8 inches-lbs) max. recommended torque: 5.7 cm-kg (5 inches-lbs) case style gsib-5s ~ ~ ~ ~ major ratings and characteristics i f(av) 6 a v rrm 200 v to 800 v i fsm 150 a i r 10 a v f 1.0 v t j max. 150 c note: (1) unit case mounted on al plate heatsink (2) units mounted on p.c.b. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length maximum ratings (t a = 25 c unless otherwise noted) parameter symbol vsib6a20 vsib6a40 vsib6a60 vsib6a80 unit maximum repetitive peak reverse voltage v rrm 200 400 600 800 v maximum rms voltage v rms 140 280 420 560 v maximum dc blocking voltage v dc 200 400 600 800 v maximum average forward rectified output current at t c = 100 c t a = 25 c i f(av) 6.0 (1) 2.8 (2) a peak forward surge current single sine-wave superimposed on rated load i fsm 150 a rating for fusing (t < 8.3 ms) i 2 t93a 2 sec operating junction and storage temperature range t j , t stg - 55 to + 150 c
www.vishay.com 2 document number 84657 07-jun-06 vishay general semiconductor vsib6a20 thru vsib6a80 note: (1) unit case mounted on al plate heatsink (2) units mounted on p.c.b. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length (3) recommended mounting position is to bol t down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol vsib6a20 vsib6a40 vsib6a60 vsib6a80 unit maximum instantaneous forward voltage drop per leg at 3.0 a v f 1.00 v maximum dc reverse current at rated dc blocking voltage per leg t a = 25 c t a = 125 c i r 10 250 a thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol vsib6a20 vsib6a40 vsib6a60 vsib6a80 unit typical thermal resistance per leg r ja r jc 22 (2) 3.4 (1) c/w ordering information preferred p/n unit weight (g) preferred package code base quantity delivery mode vsib6a60-e3/45 7.0 45 20 tube figure 1. derating curve output rectified current 0 50 100 150 0 2 4 6 8 heatsink mo u nting, t c p. c . b . m o u nting, t a temperat u re (c) a v erage for w ard o u tp u t c u rrent (a) figure 2. maximum non-repetitive peak forward surge current per leg 1 10 100 0 50 100 150 1.0 cycle t j = t j max. single sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
document number 84657 07-jun-06 www.vishay.com 3 vsib6a20 thru vsib6a80 vishay general semiconductor package outline dimensions in millimeters figure 3. typical forward characteristics per leg figure 4. typical reverse characteristics per leg 0.01 10 0.1 1 100 0.3 1.1 1.2 0.5 0.7 0.9 1.0 0. 8 0.6 0.4 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 150 c t j = 125 c t j = 25 c 1000 20 60 40 100 8 0 0 0.1 1.0 10 100 percent of rated peak re v erse v oltage (%) instantaneo u s re v erse c u rrent ( a) t j = 150 c t j = 125 c t j = 25 c figure 5. typical junction capacitance per leg figure 6. typical transient thermal impedance 0.1 1 10 100 10 100 1000 1 re v erse v oltage ( v ) j u nction capaci tance (pf) 0.01 0.1 1 10 100 0.1 1 10 100 t - heating time (s) transient thermal impedance (c/ w ) 2.5 0.2 2.2 0.2 1 0.1 10 0.2 7.5 0.2 4 0.2 5 20 0.3 17 . 5 0.5 11 0.2 2.7 0.2 3.5 0.2 3.2 0.2 0.7 0.1 4.6 0.2 3.6 0.2 + 7.5 0.2 30 0.3 case style gsib-5s
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of VSIB6A40E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X